PART |
Description |
Maker |
V110B12E200BF V110B12E200BL V110B12E200BN V110B12E |
110V Input Mini Family DC-DC Converter Module
|
Vicor Corporation
|
IRPLDIM2U |
Digital Dimming DALI Ballast for 32W/T8 110V input
|
International Rectifier
|
MB91F133A MB91133 |
Micro controller 32-Bit FR Family
|
Fujitsu
|
M74HC123B1 M74HC123A M74HC123 M74HC123AB1R M74HC12 |
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR Zener Diode; Zener Voltage Typ, Vz:110V; Zener Voltage Min, Vz:110V; Vz Test Current, Izt:2.3mA; Power Dissipation, Pd:1mW; Package/Case:DO-41; Breakdown Voltage Max:1V; Mounting Type:Through Hole; Terminal Type:Axial Leaded
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
MB90M407 E713718 MB90MF408 |
Micro controller 16-Bit Proprietary F2MC-16LX Family FL Controller Products From old datasheet system
|
Fujitsu
|
LT6201 LT6200IS6 LT6200IS6-10 LT6200IS6-5 LT6200IS |
165MHz, Rail-to-Rail Input and Output, 0.95nV Low Noise, Op Amp Family 165MHz,轨到轨输入和输出,0.95nV低噪声,运算放大器系 165MHz, Rail-to-Rail Input and Output, 0.95nV/rtHz Low Noise, Op Amp Family
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
V48B12E250BS2 V48B12E250BS3 V48B12C250BN2 V48B12C2 |
48V Input Mini Family DC-DC Converter Module
|
Vicor Corporation
|
V150A24T500BF V150A24T500BG V150A24T500BL V150A24T |
150V Input Maxi Family DC-DC Converter Module
|
Vicor Corporation
|
V72A28M400BF V72A28M400BF2 V72A28M400BF3 V72A28M40 |
72V Input Maxi Family DC-DC Converter Module
|
Vicor Corporation
|
V48C5E48BS2 V24A12E24B V24A12E24B1 V24A12E24B2 V24 |
FasTrak Micro E-Grade Family DC-DC Converter Module FasTrak车辆使用的微型电子级系列的DC - DC转换器模 DIODE, BYV26E, 1A, 1000V PIVUL Ultra Fast Diode, 2A, 50V, SOD-57 Lead-Free / RoHS
|
Vicor, Corp. VICOR[Vicor Corporation]
|